| データシートサーチシステム |
|
HD64F2149YV データシート(PDF) 992 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2149YV データシート(HTML) 992 Page - Renesas Technology Corp |
|
992 / 1075 page ![]() Appendix B Internal I/O Registers Rev. 3.00 Jan 18, 2006 page 964 of 1044 REJ09B0280-0300 BCR—Bus Control Register H'FFC6 Bus Controller 7 ICIS1 1 R/W 6 ICIS0 1 R/W 5 BRSTRM 0 R/W 4 BRSTS1 1 R/W 3 BRSTS0 0 R/W 0 IOS0 1 R/W 2 Ñ 1 R/W 1 IOS1 1 R/W Bit Initial value Read/Write IOS select IOS1 Address for which AS/IOS pin output goes low when IOSE = 1 0 Low in access to address H'(FF)F000 to H'(FF)F03F IOS0 0 Low in access to address H'(FF)F000 to H'(FF)F0FF 1 1 Low in access to address H'(FF)F000 to H'(FF)F3FF 0 Low in access to address H'(FF)F000 to H'(FF)F7FF 1 Burst cycle select 0 0 Max. 4 words in burst access 1 Max. 8 words in burst access Burst cycle select 1 0 Burst cycle comprises 1 state 1 Burst cycle comprises 2 states Burst ROM enable 0 Basic bus interface 1 Burst ROM interface Idle cycle insert 0 0 Idle cycle not inserted in case of successive external read and external write cycles 1 Idle cycle inserted in case of successive external read and external write cycles Reserved bit |