| データシートサーチシステム |
|
HD64F2149YV データシート(PDF) 993 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2149YV データシート(HTML) 993 Page - Renesas Technology Corp |
|
993 / 1075 page ![]() Appendix B Internal I/O Registers Rev. 3.00 Jan 18, 2006 page 965 of 1044 REJ09B0280-0300 WSCR—Wait State Control Register H'FFC7 Bus Controller 7 RAMS 0 R/W 6 RAM0 0 R/W 5 ABW 1 R/W 4 AST 1 R/W 3 WMS1 0 R/W 0 WC0 1 R/W 2 WMS0 0 R/W 1 WC1 1 R/W Bit Initial value Read/Write Reserved bits Wait count 1 and 0 0 No program wait states are inserted 0 1 program wait state is inserted in external memory space accesses 1 1 2 program wait states are inserted in external memory space accesses 0 3 program wait states are inserted in external memory space accesses 1 Wait mode select 1 and 0 0 Program wait mode 0 Wait disabled mode 1 1 Pin wait mode 0 Pin auto-wait mode 1 Access state control 0 External memory space is designated as 2-state access space Wait state insertion in external memory space accesses is disabled 1 External memory space is designated as 3-state access space Wait state insertion in external memory space accesses is enabled Bus width control 0 External memory space designated as 16-bit access space 1 External memory space designated as 8-bit access space |