| データシートサーチシステム |
|
H8/3021 データシート(PDF) 385 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 データシート(HTML) 385 Page - Renesas Technology Corp |
|
385 / 712 page ![]() 11. Serial Communication Interface Rev.2.00 Mar. 22, 2007 Page 361 of 684 REJ09B0352-0200 Table 11.9 SMR and SCR Settings and SCI Clock Source Selection SMR SCR Settings SCI Communication Format Bit 7 C/ A Bit 1 CKE1 Bit 0 CKE0 Mode Clock Source SCK Pin Function 0 0 0 Asynchronous mode Internal SCI does not use the SCK pin 0 0 1 Outputs a clock with frequency matching the bit rate 0 1 0 External 0 1 1 Inputs a clock with frequency 16 times the bit rate 1 0 0 Synchronous mode Internal Outputs the serial clock 1 0 1 1 1 0 External Inputs the serial clock 1 1 1 |