| データシートサーチシステム |
|
H8/3021 データシート(PDF) 470 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 データシート(HTML) 470 Page - Renesas Technology Corp |
|
470 / 712 page ![]() 15. ROM Rev.2.00 Mar. 22, 2007 Page 446 of 684 REJ09B0352-0200 15.2 Overview 15.2.1 Block Diagram Bus interface/controller Flash memory (256 kbytes) Operating mode FLMCR2 Internal address bus Internal data bus (16 bits) FWE pin Mode pin EBR1 EBR2 RAMER FLMCR1 Flash memory control register 1 Flash memory control register 2 Erase block register 1 Erase block register 2 RAM emulation register Legend FLMCR1: FLMCR2: EBR1: EBR2: RAMER: Notes: 1. 2. Functions as the FWE pin in the flash memory version, and as the RESO pin in the mask ROM version. The registers that control the flash memory (FLMCR1, FLMCR2, EBR1, EBR2, and RAMER) are for use exclusively by the flash memory version, and are not provided in the mask ROM version. Reads to the corresponding addresses in the mask ROM version will always return 1, and writes to these addresses are invalid. *2 *1 *2 *2 *2 *2 Figure 15.1 Block Diagram of Flash Memory |