データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

H8/3021 データシート(PDF) 472 Page - Renesas Technology Corp

部品番号 H8/3021
部品情報  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 データシート(HTML) 472 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 468Page - Renesas Technology Corp H8/3021 Datasheet HTML 469Page - Renesas Technology Corp H8/3021 Datasheet HTML 470Page - Renesas Technology Corp H8/3021 Datasheet HTML 471Page - Renesas Technology Corp H8/3021 Datasheet HTML 472Page - Renesas Technology Corp H8/3021 Datasheet HTML 473Page - Renesas Technology Corp H8/3021 Datasheet HTML 474Page - Renesas Technology Corp H8/3021 Datasheet HTML 475Page - Renesas Technology Corp H8/3021 Datasheet HTML 476Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 472 / 712 page
background image
15. ROM
Rev.2.00 Mar. 22, 2007 Page 448 of 684
REJ09B0352-0200
State transitions between the normal and user modes and on-board program mode are performed
by changing the FWE pin level from high to low or from low to high. To prevent misoperation
(erroneous programming or erasing) in these cases, the bits in the flash memory control register 1
(FLMCR1) should be cleared to 0 before making such a transition. After the bits are cleared, a
wait time is necessary. Normal operation is not guaranteed if this wait time is insufficient.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More