| データシートサーチシステム |
|
H8/3021 データシート(PDF) 476 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 データシート(HTML) 476 Page - Renesas Technology Corp |
|
476 / 712 page ![]() 15. ROM Rev.2.00 Mar. 22, 2007 Page 452 of 684 REJ09B0352-0200 Application program Flash memory RAM SCI Programming control program execution state Overlap RAM (programming data) Programming data Figure 15.4 Writing Overlap RAM Data in User Program Mode 15.2.5 Differences between Boot Mode and User Program Mode Boot Mode User Program Mode Total erase Yes Yes Block erase No Yes Programming control program* Boot program is initiated, and programming control program is transferred from host to on-chip RAM, and executed there. Program that controls programming program in flash memory is executed. Program should be written beforehand in PROM mode and boot program mode. Note: * To be provided by the user, in accordance with the recommended algorithm. |