| データシートサーチシステム |
|
H8/3021 データシート(PDF) 637 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 データシート(HTML) 637 Page - Renesas Technology Corp |
|
637 / 712 page ![]() Appendix B. Internal I/O Register Field Rev.2.00 Mar. 22, 2007 Page 613 of 684 REJ09B0352-0200 TIOR2—Timer I/O Control Register 2 H'79 ITU2 Bit Initial value Read/Write 7 — 1 — 6 IOB2 0 R/W 5 IOB1 0 R/W 4 IOB0 0 R/W 3 — 1 — 0 IOA0 0 R/W 2 IOA2 0 R/W 1 IOA1 0 R/W Notes: 1. 2. Bit functions are the same as for ITU0. Channel 2 does not have a compare match toggle output function. If this setting is used, 1 output will be selected automatically. |