| データシートサーチシステム |
|
H8/3021 データシート(PDF) 639 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 データシート(HTML) 639 Page - Renesas Technology Corp |
|
639 / 712 page ![]() Appendix B. Internal I/O Register Field Rev.2.00 Mar. 22, 2007 Page 615 of 684 REJ09B0352-0200 GRA2 H/L—General Register A2 H/L H'7E, H'7F ITU2 Note: Bit functions are the same as for ITU0. Bit Initial value Read/Write 14 1 R/W 12 1 R/W 10 1 R/W 8 1 R/W 6 1 R/W 0 1 R/W 4 1 R/W 2 1 R/W 15 1 R/W 13 1 R/W 11 1 R/W 9 1 R/W 7 1 R/W 1 1 R/W 5 1 R/W 3 1 R/W GRB2 H/L—General Register B2 H/L H'80, H'81 ITU2 Note: Bit functions are the same as for ITU0. Bit Initial value Read/Write 14 1 R/W 12 1 R/W 10 1 R/W 8 1 R/W 6 1 R/W 0 1 R/W 4 1 R/W 2 1 R/W 15 1 R/W 13 1 R/W 11 1 R/W 9 1 R/W 7 1 R/W 1 1 R/W 5 1 R/W 3 1 R/W TCR3—Timer Control Register 3 H'82 ITU3 Bit Initial value Read/Write 7 — 1 — 6 CCLR1 0 R/W 5 CCLR0 0 R/W 4 CKEG1 0 R/W 3 CLEG0 0 R/W 0 TPSC0 0 R/W 2 TPSC2 0 R/W 1 TPSC1 0 R/W Note: Bit functions are the same as for ITU0. TIOR3—Timer I/O Control Register 3 H'83 ITU3 Bit Initial value Read/Write 7 — 1 — 6 IOB2 0 R/W 5 IOB1 0 R/W 4 IOB0 0 R/W 3 — 1 — 0 IOA0 0 R/W 2 IOA2 0 R/W 1 IOA1 0 R/W Note: Bit functions are the same as for ITU0. |