| データシートサーチシステム |
|
H8/3021 データシート(PDF) 130 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 データシート(HTML) 130 Page - Renesas Technology Corp |
|
130 / 712 page ![]() 5. Interrupt Controller Rev.2.00 Mar. 22, 2007 Page 106 of 684 REJ09B0352-0200 Method 1 When clearing the IRQaF flag, read ISR as a byte unit instead of using a bit-manipulation instruction, and write a byte value that clears the IRQaF flag to 0 and sets the other bits to 1. Example: When a = 0 MOV.B @ISR, R0L MOV.B #HFE, R0L MOV.B R0L, @ISR Method 2 Perform dummy processing within the IRQb interrupt exception handling routine to clear the IRQbF flag. Example: When b = 1 IRQB MOV.B #HFD, R0L MOV.B R0L, @ISR . . . |