データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

H8/3021 データシート(PDF) 131 Page - Renesas Technology Corp

部品番号 H8/3021
部品情報  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 データシート(HTML) 131 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 127Page - Renesas Technology Corp H8/3021 Datasheet HTML 128Page - Renesas Technology Corp H8/3021 Datasheet HTML 129Page - Renesas Technology Corp H8/3021 Datasheet HTML 130Page - Renesas Technology Corp H8/3021 Datasheet HTML 131Page - Renesas Technology Corp H8/3021 Datasheet HTML 132Page - Renesas Technology Corp H8/3021 Datasheet HTML 133Page - Renesas Technology Corp H8/3021 Datasheet HTML 134Page - Renesas Technology Corp H8/3021 Datasheet HTML 135Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 712 page
background image
6. Bus Controller
Rev.2.00 Mar. 22, 2007 Page 107 of 684
REJ09B0352-0200
Section 6 Bus Controller
6.1
Overview
The H8/3022 Group has an on-chip bus controller that divides the external address space into eight
areas and can assign different bus specifications to each. This enables different types of memory to
be connected easily.
6.1.1
Features
Features of the bus controller are listed below.
• Independent settings for address areas 0 to 7
⎯ 128-kbyte areas in 1-Mbyte mode.
⎯ 2-Mbyte areas in 16-Mbyte mode.
⎯ Areas can be designated for two-state or three-state access.
• Four wait modes
⎯ Programmable wait mode, pin auto-wait mode, and pin wait modes 0 and 1 can be
selected.
⎯ Zero to three wait states can be inserted automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More