| データシートサーチシステム |
|
H8/3021 データシート(PDF) 138 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 データシート(HTML) 138 Page - Renesas Technology Corp |
|
138 / 712 page ![]() 6. Bus Controller Rev.2.00 Mar. 22, 2007 Page 114 of 684 REJ09B0352-0200 Bit 5—Address 21 Enable (A 21E): Enables PA6 to be used as the A21 address output pin. Writing 0 in this bit enables A 21 address output from PA6. In modes other than 3 and 6 this bit cannot be modified and PA 6 has its ordinary input/output functions. Bit 5 A 21E Description 0 PA 6 is the A21 address output pin 1 PA 6 is the PA6/TP6/TIOCA2 input/output pin (Initial value) Bits 4 to 0—Reserved |