| データシートサーチシステム |
|
H8/3021 データシート(PDF) 141 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 データシート(HTML) 141 Page - Renesas Technology Corp |
|
141 / 712 page ![]() 6. Bus Controller Rev.2.00 Mar. 22, 2007 Page 117 of 684 REJ09B0352-0200 6.3.2 Bus Control Signal Timing 8-Bit, Three-State-Access Areas: Figure 6.3 shows the timing of bus control signals for an 8-bit, three-state-access area. Wait states can be inserted. Bus cycle φ Address bus AS RD D7 to D0 WR D7 to D0 Read access Write access External address Valid Valid T1 T2 T3 Figure 6.3 Bus Control Signal Timing for 8-Bit, Three-State-Access Area |