| データシートサーチシステム |
|
H8/3002 データシート(PDF) 45 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3002 データシート(HTML) 45 Page - Renesas Technology Corp |
|
45 / 700 page ![]() 2.6.3 Tables of Instructions Classified by Function Tables 2-3 to 2-10 summarize the instructions in each functional category. The operation notation used in these tables is defined next. Operation Notation Rd General register (destination)* Rs General register (source)* Rn General register* ERn General register (32-bit register or address register) (EAd) Destination operand (EAs) Source operand CCR Condition code register N N (negative) flag of CCR Z Z (zero) flag of CCR V V (overflow) flag of CCR C C (carry) flag of CCR PC Program counter SP Stack pointer #IMM Immediate data disp Displacement + Addition – Subtraction × Multiplication ÷ Division ∧ AND logical ∨ OR logical ⊕ Exclusive OR logical → Move ¬ NOT (logical complement) :3/:8/:16/:24 3-, 8-, 16-, or 24-bit length Note: * General registers include 8-bit registers (R0H to R7H, R0L to R7L), 16-bit registers (R0 to R7, E0 to E7), and 32-bit data or address registers (ER0 to ER7). 30 |