| データシートサーチシステム |
|
H8/3002 データシート(PDF) 98 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3002 データシート(HTML) 98 Page - Renesas Technology Corp |
|
98 / 700 page ![]() Bit 3—Priority Level B3 (IPRB3): Selects the priority level of SCI channel 0 interrupt requests. Bit 3 IPRB3 Description 0 SCI0 interrupt requests have priority level 0 (low priority) (Initial value) 1 SCI0 interrupt requests have priority level 1 (high priority) Bit 2—Priority Level B2 (IPRB2): Selects the priority level of SCI channel 1 interrupt requests. Bit 2 IPRB2 Description 0 SCI1 interrupt requests have priority level 0 (low priority) (Initial value) 1 SCI1 interrupt requests have priority level 1 (high priority) Bit 1—Priority Level B1 (IPRB1): Selects the priority level of A/D converter interrupt requests. Bit 1 IPRB1 Description 0 A/D converter interrupt requests have priority level 0 (low priority) (Initial value) 1 A/D converter interrupt requests have priority level 1 (high priority) Bit 0—Reserved: This bit can be written and read, but it does not affect interrupt priority. 83 |