| データシートサーチシステム |
|
H8/3002 データシート(PDF) 93 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3002 データシート(HTML) 93 Page - Renesas Technology Corp |
|
93 / 700 page ![]() Interrupt Priority Register A (IPRA): IPRA is an 8-bit readable/writable register in which interrupt priority levels can be set. IPRA is initialized to H'00 by a reset and in hardware standby mode. Bit Initial value Read/Write 7 IPRA7 0 R/W 6 IPRA6 0 R/W 5 IPRA5 0 R/W 4 IPRA4 0 R/W 3 IPRA3 0 R/W 0 IPRA0 0 R/W 2 IPRA2 0 R/W 1 IPRA1 0 R/W Priority level A7 Selects the priority level of IRQ interrupt requests Priority level A3 Selects the priority level of WDT and refresh controller interrupt requests Priority level A2 Selects the priority level of ITU channel 0 interrupt requests Priority level A1 Selects the priority level of ITU channel 1 interrupt requests Priority level A0 Selects the priority level of ITU channel 2 interrupt requests Selects the priority level of IRQ interrupt requests Priority level A6 Selects the priority level of IRQ and IRQ interrupt requests Priority level A5 Selects the priority level of IRQ and IRQ interrupt requests Priority level A4 0 1 23 45 78 |