| データシートサーチシステム |
|
H8/3002 データシート(PDF) 96 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3002 データシート(HTML) 96 Page - Renesas Technology Corp |
|
96 / 700 page ![]() Interrupt Priority Register B (IPRB): IPRB is an 8-bit readable/writable register in which interrupt priority levels can be set. IPRB is initialized to H'00 by a reset and in hardware standby mode. Bit Initial value Read/Write 7 IPRB7 0 R/W 6 IPRB6 0 R/W 5 IPRB5 0 R/W 4 — 0 R/W 3 IPRB3 0 R/W 0 — 0 R/W 2 IPRB2 0 R/W 1 IPRB1 0 R/W Priority level B7 Selects the priority level of ITU channel 3 interrupt requests Priority level B3 Selects the priority level of SCI channel 0 interrupt requests Priority level B2 Selects the priority level of SCI channel 1 interrupt requests Priority level B1 Selects the priority level of A/D converter interrupt request Reserved bit Selects the priority level of ITU channel 4 interrupt requests Priority level B6 Selects the priority level of DMAC interrupt requests (channels 0 and 1) Priority level B5 Reserved bit 81 |