| データシートサーチシステム |
|
H8/3002 データシート(PDF) 84 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3002 データシート(HTML) 84 Page - Renesas Technology Corp |
|
84 / 700 page ![]() Figure 4-3 Reset Sequence (Modes 2 and 4) 4.2.3 Interrupts after Reset If an interrupt is accepted after a reset but before the stack pointer (SP) is initialized, PC and CCR will not be saved correctly, leading to a program crash. To prevent this, all interrupt requests, including NMI, are disabled immediately after a reset. The first instruction of the program is always executed immediately after the reset state ends. This instruction should initialize the stack pointer (example: MOV.L #xx:32, SP). ø Address bus RES RD HWR D to D 15 0 Vector fetch Internal processing Prefetch of first program instruction (1), (3) (2), (4) (5) (6) Note: After a reset, the wait-state controller inserts three wait states in every bus cycle. High LWR , Address of reset vector: (1) = H'00000, (3) = H'00002 Start address (contents of reset vector) Start address First instruction of program (2) (4) (3) (1) (5) (6) 69 |