| データシートサーチシステム |
|
MPC5633MMMG80 データシート(PDF) 85 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5633MMMG80 データシート(HTML) 85 Page - Freescale Semiconductor, Inc |
|
85 / 106 page ![]() MPC5634M Microcontroller Data Sheet, Rev. 8 Freescale Semiconductor 85 4.9 I/O Pad current specifications NOTE MPC5634M devices use two sets of I/O pads (5 V and 3.3 V). See Table 3 and Table 4 in Section 3.6, “Signal summary, for the pad type associated with each signal. The power consumption of an I/O segment depends on the usage of the pins on a particular segment. The power consumption is the sum of all output pin currents for a particular segment. The output pin current can be calculated from Table 20 based on the voltage, frequency, and load on the pin. Use linear scaling to calculate pin currents for voltage, frequency, and load parameters that fall outside the values given in Table 20. Table 20. I/O pad average IDDE specifications 1 1 Numbers from simulations at best case process, 150 °C. Pad Type Symbol C Period (ns) Load2 (pF) 2 All loads are lumped. VDDE (V) Drive/Slew Rate Select IDDE Avg (mA)3 3 Average current is for pad configured as output only. IDDE RMS (mA) Slow IDRV_SSR_HV CC D 37 50 5.25 11 9 — CC D 130 50 5.25 01 2.5 — CC D 650 50 5.25 00 0.5 — CC D 840 200 5.25 00 1.5 — Medium IDRV_MSR_HV CC D 24 50 5.25 11 14 — CC D 62 50 5.25 01 5.3 — CC D 317 50 5.25 00 1.1 — CC D 425 200 5.25 00 3 — Fast IDRV_FC CC D 10 50 3.6 11 22.7 68.3 CC D 10 30 3.6 10 12.1 41.1 CC D 10 20 3.6 01 8.3 27.7 CC D 10 10 3.6 00 4.44 14.3 CC D 10 50 1.98 11 12.5 31 CC D 10 30 1.98 10 7.3 18.6 CC D 10 20 1.98 01 5.42 12.6 CC D 10 10 1.98 00 2.84 6.4 MultiV (High Swing Mode) IDRV_MULTV_HV CC D 15 50 5.25 11 21.24 — CC D 30 50 5.25 10 —5 — CC D 50 50 5.25 01 6.24 — CC D 300 50 5.25 00 1.14 — CC D 300 200 5.25 00 4.04 — MultiV (Low Swing Mode) IDRV_MULTV_HV CC D 15 30 5.25 11 20.26 — CC D 30 30 5.25 11 NA — |