| データシートサーチシステム |
|
MPC5633MMMG80 データシート(PDF) 95 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5633MMMG80 データシート(HTML) 95 Page - Freescale Semiconductor, Inc |
|
95 / 106 page ![]() MPC5634M Microcontroller Data Sheet, Rev. 8 Freescale Semiconductor 95 4.15 AC specifications 4.15.1 Pad AC specifications Table 30. Pad AC specifications (5.0 V)1,2 1 These are worst case values that are estimated from simulation and not tested. Values in the table are simulated at fSYS = 80 MHz, VDD = 1.14 V to 1.32 V, VDDE = 1.62 V to 1.98 V, VDDEH = 4.5 V to 5.25 V, TA = TL to TH. 2 TBD: To Be Defined. Name C Output Delay (ns)3,4 Low-to-High / High-to-Low Rise/Fall Edge (ns)4,5 Drive Load (pF) SRC/DSC Min Max Min Max MSB,LSB Medium6,7,8 CC D 4.6/3.7 12/12 2.2/2.2 7/7 50 119 CC D 13/10 32/32 9/9 22/22 200 N/A 1010 CC D 12/13 28/34 5.6/6 15/15 50 01 CC D 23/23 52/59 11/14 31/31 200 CC D 69/71 152/165 34/35 74/74 50 00 CC D 95/90 205/220 44/51 96/96 200 Slow8,11 CC D 7.3/5.7 19/18 4.4/4.3 14/14 50 119 CC D 24/19 58/58 17/15 42/42 200 N/A 1010 CC D 26/27 61/69 13/13 34/34 50 01 CC D 49/45 115/115 27/23 61/61 200 CC D 137/142 320/330 72/74 164/164 50 00 CC D 182/172 420/420 90/85 200/200 200 MultiV12 (High Swing Mode) CC D 4.1/3.6 10.3/8.9 3.28/2.98 8/8 50 119 CC D 10.4/10.2 24.2/23.6 12.7/11.54 29/29 200 N/A 1010 CC D 8.38/6.11 16/12.9 5.48/4.81 11/11 50 01 CC D 15.9/13.6 31/28.5 14.6/13.1 31/31 200 CC D 61.7/10.4 92.2/24.3 42.0/12.2 63/63 50 00 CC D 85.5/37.3 132.6/ 78.9 57.7/46.4 85/85 200 MultiV (Low Swing Mode) CC D 2.31/2.34 7.62/6.33 1.26/1.67 7/7 30 119 Fast13 N/A pad_i_hv14 CC D 0.5/0.5 1.9/1.9 0.3/0.3 1.5/1.5 0.5 N/A pull_hv CC D NA 6000 — 5000/5000 50 N/A |