| データシートサーチシステム |
|
MPC5633MMMG80 データシート(PDF) 96 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5633MMMG80 データシート(HTML) 96 Page - Freescale Semiconductor, Inc |
|
96 / 106 page ![]() MPC5634M Microcontroller Data Sheet, Rev. 8 Freescale Semiconductor 96 3 This parameter is supplied for reference and is not guaranteed by design and not tested. 4 Delay and rise/fall are measured to 20% or 80% of the respective signal. 5 This parameter is guaranteed by characterization before qualification rather than 100% tested. 6 In high swing mode, high/low swing pad Vol and Voh values are the same as those of the slew controlled output pads 7 Medium Slew-Rate Controlled Output buffer. Contains an input buffer and weak pullup/pulldown. 8 Output delay is shown in Figure 8. Add a maximum of one system clock to the output delay for delay with respect to system clock. 9 Can be used on the tester. 10 This drive select value is not supported. If selected, it will be approximately equal to 11. 11 Slow Slew-Rate Controlled Output buffer. Contains an input buffer and weak pullup/pulldown. 12 Selectable high/low swing IO pad with selectable slew in high swing mode only. 13 Fast pads are 3.3 V pads. 14 Stand alone input buffer. Also has weak pull-up/pull-down. Table 31. Pad AC specifications (3.3 V)1 Pad Type C Output Delay (ns)2,3 Low-to-High / High-to-Low Rise/Fall Edge (ns)3,4 Drive Load (pF) SRC/DSC Min Max Min Max MSB,LSB Medium5,6,7 CC D 5.8/4.4 18/17 2.7/2.1 10/10 50 118 CC D 16/13 46/49 11.2/8.6 34/34 200 N/A 109 CC D 14/16 37/45 6.5/6.7 19/19 50 01 CC D 27/27 69/82 15/13 43/43 200 CC D 83/86 200/210 38/38 86/86 50 00 CC D 113/109 270/285 53/46 120/120 200 Slow7,10 CC D 9.2/6.9 27/28 5.5/4.1 20/20 50 11 CC D 30/23 81/87 21/16 63/63 200 N/A 109 CC D 31/31 80/90 15.4/15.4 42/42 50 01 CC D 58/52 144/155 32/26 82/85 200 CC D 162/168 415/415 80/82 190/190 50 00 CC D 216/205 533/540 106/95 250/250 200 MultiV7,11 (High Swing Mode) CC D 3.7/3.1 10/10 30 118 CC D 46/49 37/37 200 N/A 109 CC D 32 15/15 50 01 CC D 72 46/46 200 CC D 210 100/100 50 00 CC D 295 134/134 200 |