データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPC5633MMMG80 データシート(PDF) 9 Page - Freescale Semiconductor, Inc

部品番号 MPC5633MMMG80
部品情報  Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5633MMMG80 データシート(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MPC5633MMMG80 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5633MMMG80 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5633MMMG80 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5633MMMG80 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5633MMMG80 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5633MMMG80 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5633MMMG80 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5633MMMG80 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5633MMMG80 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 106 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
9
1
Introduction
1.1
Document overview
This document provides an overview and describes the features of the MPC5634M series of microcontroller units (MCUs). For
functional characteristics, refer to the device reference manual. Electrical specifications and package mechanical drawings are
included in this device data sheet. Pin assignments can be found in both the reference manual and data sheet.
1.2
Description
These 32-bit automotive microcontrollers are a family of system-on-chip (SoC) devices that contain all the features of the
MPC5500 family and many new features coupled with high performance 90 nm CMOS technology to provide substantial
reduction of cost per feature and significant performance improvement. The advanced and cost-efficient host processor core of
this automotive controller family is built on Power Architecture® technology. This family contains enhancements that improve
the architecture’s fit in embedded applications, includes additional instruction support for digital signal processing (DSP),
integrates technologies—such as an enhanced time processor unit, enhanced queued analog-to-digital converter, Controller
Area Network, and an enhanced modular input-output system—that are important for today’s lower-end powertrain
applications. This device family is a completely compatible extension to Freescale’s MPC5500 family. The device has a single
level of memory hierarchy consisting of up to 94 KB on-chip SRAM and up to 1.5 MB of internal flash memory. The device
also has an external bus interface (EBI) for ‘calibration’. This external bus interface has been designed to support most of the
standard memories used with the MPC5xx and MPC55xx families.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More