データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPC5633MMMG80 データシート(PDF) 94 Page - Freescale Semiconductor, Inc

部品番号 MPC5633MMMG80
部品情報  Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5633MMMG80 データシート(HTML) 94 Page - Freescale Semiconductor, Inc

Back Button MPC5633MMMG80 Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC5633MMMG80 Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC5633MMMG80 Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC5633MMMG80 Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC5633MMMG80 Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC5633MMMG80 Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC5633MMMG80 Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC5633MMMG80 Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC5633MMMG80 Datasheet HTML 98Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 106 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
94
Table 29. Flash module life
Symbol
Parameter
Conditions
Value
Unit
Min
Typ
P/E
C Number of program/erase cycles per block
for 16 Kbyte blocks over the operating
temperature range (TJ)
—
100,000
—
cycles
P/E
C Number of program/erase cycles per block
for 32 and 64 Kbyte blocks over operating
temperature range (TJ)
—
10,000
100,000
cycles
P/E
C Number of program/erase cycles per block
for 128 Kbyte blocks over the operating
temperature range (TJ)
—
1,000
100,000
cycles
Retention
C Minimum data retention at 85 °C average
ambient temperature1
1 Ambient temperature averaged over duration of application, not to exceed recommended product operating
temperature range.
Blocks with 0 – 1,000
P/E cycles
20
—
years
Blocks with 10,000 P/E
cycles
10
—
years
Blocks with 100,000 P/E
cycles
5—
years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More