| データシートサーチシステム |
|
MPC5633MMMG80 データシート(PDF) 14 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5633MMMG80 データシート(HTML) 14 Page - Freescale Semiconductor, Inc |
|
14 / 106 page ![]() MPC5634M Microcontroller Data Sheet, Rev. 8 Freescale Semiconductor 14 – ISR at a higher priority preempts ISRs or tasks at lower priorities – Automatic pushing or popping of preempted priority to or from a LIFO – Ability to modify the ISR or task priority. Modifying the priority can be used to implement the Priority Ceiling Protocol for accessing shared resources. — Low latency—three clocks from receipt of interrupt request from peripheral to interrupt request to processor • Frequency Modulating Phase-locked loop (FMPLL) — Reference clock pre-divider (PREDIV) for finer frequency synthesis resolution — Reduced frequency divider (RFD) for reducing the FMPLL output clock frequency without forcing the FMPLL to re-lock — System clock divider (SYSDIV) for reducing the system clock frequency in normal or bypass mode — Input clock frequency range from 4 MHz to 20 MHz before the pre-divider, and from 4 MHz to 16 MHz at the FMPLL input — Voltage controlled oscillator (VCO) range from 256 MHz to 512 MHz — VCO free-running frequency range from 25 MHz to 125 MHz — Four bypass modes: crystal or external reference with PLL on or off — Two normal modes: crystal or external reference — Programmable frequency modulation – Triangle wave modulation – Register programmable modulation frequency and depth — Lock detect circuitry reports when the FMPLL has achieved frequency lock and continuously monitors lock status to report loss of lock conditions – User-selectable ability to generate an interrupt request upon loss of lock – User-selectable ability to generate a system reset upon loss of lock — Clock quality monitor (CQM) module provides loss-of-clock detection for the FMPLL reference and output clocks – User-selectable ability to generate an interrupt request upon loss of clock – User-selectable ability to generate a system reset upon loss of clock – Backup clock (reference clock or FMPLL free-running) can be applied to the system in case of loss of clock • Calibration bus interface (EBI) — Available only in the calibration package — 1.8 V to 3.3 V ± 10% I/O (1.6 V to 3.6 V) — Memory controller with support for various memory types — 16-bit data bus, up to 22-bit address bus — Selectable drive strength — Configurable bus speed modes — Bus monitor — Configurable wait states • System integration unit (SIU) — Centralized GPIO control of 80 I/O pins — Centralized pad control on a per-pin basis – Pin function selection – Configurable weak pull-up or pull-down –Drive strength –Slew rate – Hysteresis — System reset monitoring and generation |