データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPBT2532C2AT データシート(PDF) 27 Page - STMicroelectronics

部品番号 SPBT2532C2AT
部品情報  Bluetooth technology class-2 module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2532C2AT データシート(HTML) 27 Page - STMicroelectronics

Back Button SPBT2532C2AT Datasheet HTML 23Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 24Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 25Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 26Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 27Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 28Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 29Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 30Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
SPBT2532C2.AT
Commands
Doc ID 16089 Rev 3
27/48
C.5.2
Responses
If the change is accepted, the response is:
AT-AB Baudrate Changed
C.6
DefaultLocalName
The DefaultLocalName command is used to set the name of the device to the name that is
reported during device discoveries. By default, the abSerial interface uses
“Amp’edBTDevice”. Changing the name using this command will permanently change the
local name, unlike the LocalName command.
C.6.1
Syntax
AT+AB DefaultLocalName [name]
Where
[name] is a string for the new local name (up to 50 characters). The space character
is allowed; the name is assumed to be all text up to the end of the command.
C.6.2
Responses
If the operation is successful, the response is:
AT-AB LocalNameOk
C.7
DeleteSmartCable
The DeleteSmartCable command removes the current Smart Cable settings that were
entered using the SmartCableSetup command, but not the setting from the dynamic
configuration. The Smart Cable will then be deactivated for the remainder of this session.
Upon reset, if a dynamic configuration for a Smart Cable exists, it will be activated. If there is
no dynamic configuration Smart Cable setup, then this feature will remain deactivated.
C.7.1
Syntax
AT+AB DeleteSmartCable
C.7.2
Responses
If the operation is successful, the response is:
AT-AB DeleteSmartCableDone



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48