| データシートサーチシステム |
|
SPBT2532C2AT データシート(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPBT2532C2AT データシート(HTML) 34 Page - STMicroelectronics |
|
34 / 48 page ![]() Commands SPBT2532C2.AT 34/48 Doc ID 16089 Rev 3 C.23.1 Syntax AT+AB RemoteCommand [Enable/Disable] Where [Enable/Disable] is an e or E character to enable this parameter and a d or D character to disable it. C.23.2 Responses If the feature is successfully applied, the response is: AT-AB RemoteCommand [Enabled/Disabled] C.24 RemoteCmdDisconnect The RemoteCmdDisconnect command is used to disconnect a remote command connection. This command only applies to the server side of the link; the remote device. The client or local device, if using the abSerial interface, should use a SPPDisconnect command since it is not in Remote Command mode. C.24.1 Syntax AT+AB RemoteCmdDisconnect C.24.2 Responses If the operation is successful, the response is: AT-AB RemoteCmdModeClosed C.25 Reset The Reset command is used to reset the abSerial interface. This is provided in the event that a host application wants to perform a software reset for error recovery. There is a response prior to reset to verify the command was received by the abSerial interface. C.25.1 Syntax AT+AB Reset C.25.2 Responses If the operation is successful, the response is: AT-AB ResetPending |