| データシートサーチシステム |
|
SPBT2532C2AT データシート(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPBT2532C2AT データシート(HTML) 38 Page - STMicroelectronics |
|
38 / 48 page ![]() Commands SPBT2532C2.AT 38/48 Doc ID 16089 Rev 3 C.33 UpdatePageScan The UpdateInquiryScan command is used to modify the Page scan parameters: mode, duration, and interval. C.33.1 Syntax AT+AB UpdatePageScan [mode] [duration] [interval] Where [mode] is the connectable mode: ● 0: non-connectable ● 1: connectable [duration] is the scan length in slots; 18 to 4096. The default duration is 18 slots. [interval] is the period between scans in slots; 18 to 4096. The default interval is 2048 slots C.33.2 Responses If the command is successful, the response is: AT-AB PageScanUpdateDone C.34 Version The Version command is used to return the current version of the abSerial interface. C.34.1 Syntax AT+AB Version C.34.2 Responses If the operation is successful, the response is: AT-AB abSerialVer [x.y] where [x.y] is the current version of the abSerial Interface. |