データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPBT2532C2AT データシート(PDF) 44 Page - STMicroelectronics

部品番号 SPBT2532C2AT
部品情報  Bluetooth technology class-2 module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2532C2AT データシート(HTML) 44 Page - STMicroelectronics

Back Button SPBT2532C2AT Datasheet HTML 40Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 41Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 42Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 43Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 44Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 45Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 46Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 47Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 48Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
Other responses
SPBT2532C2.AT
44/48
Doc ID 16089 Rev 3
Appendix E
Other responses
The following subsections describe the 4 types of responses that occur under specific
circumstances, not necessarily as a result of a specific command. They are:
Reset
Escape sequence
Controlled disconnect
Unexpected disconnect
E.1
Reset
Upon either hardware reset or software reset (such as the Reset command), abSerial will
respond as follows after the reset is complete:
AT-AB -CommandMode-
AT-AB BDAddress [BD addr]
Because the BD address of the local device is reported during this response, the response
is different than a response to the Escape Sequence.
E.2
Escape sequence
If the Escape sequence, ^#^$^%, is received and no connection is active, abSerial will
immediately respond with:
AT-AB -CommandMode-
When the Escape Sequence is received while a connection is still active and there is no
data for 2 seconds, abSerial will respond (after those 2 seconds of no data) with the same
string.
abSerial will now be in command mode.
E.3
Controlled disconnect
If the local host initiates a disconnect, it must first put the abSerial interface into command
mode (see the section on Escape Sequence directly above). After a successful disconnect
command, the following response is made:
AT-AB ConnectionDown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48