| データシートサーチシステム |
|
HCS12 データシート(PDF) 273 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 データシート(HTML) 273 Page - Freescale Semiconductor, Inc |
|
273 / 452 page ![]() Glossary S12CPUV2 Reference Manual, Rev. 4.0 Freescale Semiconductor 273 Operation: (A) – (M) – C ⇒ A Description: Subtracts the content of memory location M and the value of the C status bit from the content of accumulator A. The result is placed in A. For subtraction instructions, the C status bit represents a borrow. SBCA Subtract with Carry from A SBCA CCR Details: S X HIN Z V C –––– ∆∆∆∆ N: Set if MSB of result is set; cleared otherwise Z: Set if result is $00; cleared otherwise V: A7 • M7 • R7 + A7 • M7 • R7 Set if a two’s complement overflow resulted from the operation; cleared otherwise C: A7 • M7 + M7 • R7 + R7 • A7 Set if the absolute value of the content of memory plus previous carry is larger than the absolute value of the accumulator; cleared otherwise Source Form Address Mode Object Code Access Detail HCS12 M68HC12 SBCA #opr8i SBCA opr8a SBCA opr16a SBCA oprx0_xysp SBCA oprx9,xysp SBCA oprx16,xysp SBCA [D,xysp] SBCA [oprx16,xysp] IMM DIR EXT IDX IDX1 IDX2 [D,IDX] [IDX2] 82 ii 92 dd B2 hh ll A2 xb A2 xb ff A2 xb ee ff A2 xb A2 xb ee ff P rPf rPO rPf rPO frPP fIfrPf fIPrPf P rfP rOP rfP rPO frPP fIfrfP fIPrfP |