| データシートサーチシステム |
|
HCS12 データシート(PDF) 151 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 データシート(HTML) 151 Page - Freescale Semiconductor, Inc |
|
151 / 452 page ![]() S12CPUV2 Reference Manual, Rev. 4.0 Freescale Semiconductor 151 Operation: 0 ⇒ V bit Description: Clears the V status bit. This instruction is assembled as ANDCC #$FD. The ANDCC instruction can be used to clear any combination of bits in the CCR in one operation. CLV Clear Two’s Complement Overflow Bit CLV CCR Details: S X HIN Z V C –––––– 0 – V: 0; cleared Source Form Address Mode Object Code Access Detail HCS12 M68HC12 CLV translates to... ANDCC #$FD IMM 10 FD P P |