| データシートサーチシステム |
|
HCS12 データシート(PDF) 153 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 データシート(HTML) 153 Page - Freescale Semiconductor, Inc |
|
153 / 452 page ![]() S12CPUV2 Reference Manual, Rev. 4.0 Freescale Semiconductor 153 Operation: (B) – (M) Description: Compares the content of accumulator B to the content of memory location M and sets the condition codes, which may then be used for arithmetic and logical conditional branching. The contents of B and location M are not changed. CMPB Compare B CMPB CCR Details: S X HIN Z V C –––– ∆∆∆∆ N: Set if MSB of result is set; cleared otherwise Z: Set if result is $00; cleared otherwise V: B7 • M7 • R7 + B7 • M7 • R7 Set if a two’s complement overflow resulted from the operation; cleared otherwise C: B7 • M7 + M7 • R7 + R7 • B7 Set if there was a borrow from the MSB of the result; cleared otherwise Source Form Address Mode Object Code Access Detail HCS12 M68HC12 CMPB #opr8i CMPB opr8a CMPB opr16a CMPB oprx0_xysp CMPB oprx9,xysp CMPB oprx16,xysp CMPB [D,xysp] CMPB [oprx16,xysp] IMM DIR EXT IDX IDX1 IDX2 [D,IDX] [IDX2] C1 ii D1 dd F1 hh ll E1 xb E1 xb ff E1 xb ee ff E1 xb E1 xb ee ff P rPf rPO rPf rPO frPP fIfrPf fIPrPf P rfP rOP rfP rPO frPP fIfrfP fIPrfP |