| データシートサーチシステム |
|
HCS12 データシート(PDF) 152 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 データシート(HTML) 152 Page - Freescale Semiconductor, Inc |
|
152 / 452 page ![]() S12CPUV2 Reference Manual, Rev. 4.0 152 Freescale Semiconductor Operation: (A) – (M) Description: Compares the content of accumulator A to the content of memory location M and sets the condition codes, which may then be used for arithmetic and logical conditional branching. The contents of A and location M are not changed. CMPA Compare A CMPA CCR Details: S X HIN Z V C –––– ∆∆∆∆ N: Set if MSB of result is set; cleared otherwise Z: Set if result is $00; cleared otherwise V: A7 • M7 • R7 + A7 • M7 • R7 Set if a two’s complement overflow resulted from the operation; cleared otherwise C: A7 • M7 + M7 • R7 + R7 • A7 Set if there was a borrow from the MSB of the result; cleared otherwise Source Form Address Mode Object Code Access Detail HCS12 M68HC12 CMPA #opr8i CMPA opr8a CMPA opr16a CMPA oprx0_xysp CMPA oprx9,xysp CMPA oprx16,xysp CMPA [D,xysp] CMPA [oprx16,xysp] IMM DIR EXT IDX IDX1 IDX2 [D,IDX] [IDX2] 81 ii 91 dd B1 hh ll A1 xb A1 xb ff A1 xb ee ff A1 xb A1 xb ee ff P rPf rPO rPf rPO frPP fIfrPf fIPrPf P rfP rOP rfP rPO frPP fIfrfP fIPrfP |