| データシートサーチシステム |
|
HCS12 データシート(PDF) 156 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 データシート(HTML) 156 Page - Freescale Semiconductor, Inc |
|
156 / 452 page ![]() S12CPUV2 Reference Manual, Rev. 4.0 156 Freescale Semiconductor Operation: (B) = $FF – (B) ⇒ B Description: Replaces the content of accumulator B with its one’s complement. Each bit of B is complemented. Immediately after a COM operation on unsigned values, only the BEQ, BNE, LBEQ, and LBNE branches can be expected to perform consistently. After operation on two’s complement values, all signed branches are available. COMB Complement B COMB CCR Details: S X HIN Z V C –––– ∆∆ 01 N: Set if MSB of result is set; cleared otherwise Z: Set if result is $00; cleared otherwise V: 0; cleared C: 1; set (for M6800 compatibility) Source Form Address Mode Object Code Access Detail HCS12 M68HC12 COMB INH 51 0 0 |