| データシートサーチシステム |
|
ST62E25BB6/CCC データシート(PDF) 56 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62E25BB6/CCC データシート(HTML) 56 Page - STMicroelectronics |
|
56 / 105 page ![]() ST6215C ST6225C 56/105 A/D CONVERTER (Cont’d) 9.3.5 Low Power Modes Note: The A/D converter may be disabled by clear- ing the PDS bit. This feature allows reduced power consumption when no conversion is needed. 9.3.6 Interrupts Note: The EOC bit is cleared only when a new conversion is started (it cannot be cleared by writ- ing 0). To avoid generating further EOC interrupt, the EAI bit has to be cleared within the ADC inter- rupt subroutine. 9.3.7 Register Description A/D CONVERTER CONTROL REGISTER (AD- CR) Address: 0D1h - Read/Write (Bit 6 Read Only, Bit 5 Write Only) Reset value: 0100 0000 (40h) Bit 7 = EAI Enable A/D Interrupt. 0: ADC interrupt disabled 1: ADC interrupt enabled Bit 6 = EOC End of conversion. Read Only When a conversion has been completed, this bit is set by hardware and an interrupt request is gener- ated if the EAI bit is set. The EOC bit is automati- cally cleared when the STA bit is set. Data in the data conversion register are valid only when this bit is set to “1”. 0: Conversion is not complete 1: Conversion can be read from the ADR register Bit 5 = STA: Start of Conversion. Write Only. 0: No effect 1: Start conversion Note: Setting this bit automatically clears the EOC bit. If the bit is set again when a conversion is in progress, the present conversion is stopped and a new one will take place. This bit is write only, any attempt to read it will show a logical zero. Bit 4 = PDS Power Down Selection. 0: A/D converter is switched off 1: A/D converter is switched on Bit 3 = ADCR3 Reserved, must be cleared. Bit 2 = OSCOFF Main Oscillator off. 0: Main Oscillator enabled 1: Main Oscillator disabled Note: This bit does not apply to the ADC peripher- al but to the main clock system. Refer to the Clock System section. Bits 1:0 = ADCR[1:0] Reserved, must be cleared. A/D CONVERTER DATA REGISTER (ADR) Address: 0D0h - Read only Reset value: xxxx xxxx (xxh) Bits 7:0 = ADR[7:0]: 8 Bit A/D Conversion Result. Table 15. ADC Register Map and Reset Values Mode Description WAIT No effect on A/D Converter. ADC interrupts cause the device to exit from Wait mode. STOP A/D Converter disabled. Interrupt Event Event Flag Enable Bit Exit from Wait Exit from Stop End of Conver- sion EOC EAI Yes No 70 EAI EOC STA PDS ADCR 3 OSC OFF ADCR 1 ADCR 0 70 ADR7 ADR6 ADR5 ADR4 ADR3 ADR2 ADR1 ADR0 Address (Hex.) Register Label 765 4321 0 0D0h ADR Reset Value ADR7 0 ADR6 0 ADR5 0 ADR4 0 ADR3 0 ADR2 0 ADR1 0 ADR0 0 0D1h ADCR Reset Value EAI 0 EOC 1 STA 0 PDS 0 ADCR3 0 OSCOFF 0 ADCR1 0 ADCR0 0 1 |