| データシートサーチシステム |
|
ST62E25BB6/CCC データシート(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62E25BB6/CCC データシート(HTML) 42 Page - STMicroelectronics |
|
42 / 105 page ![]() ST6215C ST6225C 42/105 I/O PORTS (Cont’d) 8.5 REGISTER DESCRIPTION DATA REGISTER (DR) Port x Data Register DRx with x = A, B or C. Addresses 0C0h, 0C1h and 0C2h- Read/Write Reset Value: 0000 0000 (00h) Bits 7:0 = DR[7:0] Data register bits. Reading the DR register returns either the DR reg- ister latch content (pin configured as output) or the digital value applied to the I/O pin (pin configured as input). Caution: In input mode, modifying this register will modify the I/O port configuration (see Table 8). Do not use the Single bit instructions on I/O port data registers. See (Section 8.2.5). DATA DIRECTION REGISTER (DDR) Port x Data Direction Register DDRx with x = A, B or C. Addresses: 0C4h, 0C5h and 0C6h - Read/Write Reset Value: 0000 0000 (00h) Bits 7:0 = DDR[7:0] Data direction register bits. The DDR register gives the input/output direction configuration of the pins. Each bit is set and cleared by software. 0: Input mode 1: Output mode OPTION REGISTER (OR) Port x Option Register ORx with x = A, B or C. Addresses: 0CCh, 0CDh and 0CEh - Read/Write Reset Value: 0000 0000 (00h) Bits 7:0 = OR[7:0] Option register bits. The OR register allows to distinguish in output mode if the push-pull or open drain configuration is selected. Output mode: 0: Open drain output(with P-Buffer deactivated) 1: Push-pull Output Input mode: See Table 8. Each bit is set and cleared by software. Caution: Modifying this register, will also modify the I/O port configuration in input mode. (see Ta- ble 8). Table 10. I/O Port Register Map and Reset Values 70 DR7 DR6 DR5 DR4 DR3 DR2 DR1 DR0 70 DDR7 DDR6 DDR5 DDR4 DDR3 DDR2 DDR1 DDR0 70 OR7 OR6 OR5 OR4 OR3 OR2 OR1 OR0 Address (Hex.) Register Label 765 4321 0 Reset Value of all I/O port registers 000 0000 0 0C0h DRA MSB LSB 0C1h DRB 0C2h DRC 0C4h DDRA MSB LSB 0C5h DDRB 0C6h DDRC 0CCh ORA MSB LSB 0CDh ORB 0CEh ORC 1 |