データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST62E25BB6/CCC データシート(PDF) 33 Page - STMicroelectronics

部品番号 ST62E25BB6/CCC
部品情報  8-bit MCUs with A/D converter, two timers, oscillator safeguard & safe reset
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62E25BB6/CCC データシート(HTML) 33 Page - STMicroelectronics

Back Button ST62E25BB6/CCC Datasheet HTML 29Page - STMicroelectronics ST62E25BB6/CCC Datasheet HTML 30Page - STMicroelectronics ST62E25BB6/CCC Datasheet HTML 31Page - STMicroelectronics ST62E25BB6/CCC Datasheet HTML 32Page - STMicroelectronics ST62E25BB6/CCC Datasheet HTML 33Page - STMicroelectronics ST62E25BB6/CCC Datasheet HTML 34Page - STMicroelectronics ST62E25BB6/CCC Datasheet HTML 35Page - STMicroelectronics ST62E25BB6/CCC Datasheet HTML 36Page - STMicroelectronics ST62E25BB6/CCC Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 105 page
background image
ST6215C ST6225C
33/105
7 POWER SAVING MODES
7.1 INTRODUCTION
To give a large measure of flexibility to the applica-
tion in terms of power consumption, two main pow-
er saving modes are implemented in the ST6 (see
Figure 19).
In addition, the Low Frequency Auxiliary Oscillator
(LFAO) can be used instead of the main oscillator
to reduce power consumption in RUN and WAIT
modes.
After a RESET the normal operating mode is se-
lected by default (RUN mode). This mode drives
the device (CPU and embedded peripherals) by
means of a master clock which is based on the
main oscillator frequency.
From Run mode, the different power saving
modes may be selected by calling the specific ST6
software instruction or for the LFAO by setting the
relevant register bit. For more information on the
LFAO, please refer to the Clock chapter.
Figure 19. Power Saving Mode Transitions
POWER CONSUMPTION
WAIT
LFAO
RUN
STOP
High
Low
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More