| データシートサーチシステム |
|
ST62E25BB6/CCC データシート(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62E25BB6/CCC データシート(HTML) 34 Page - STMicroelectronics |
|
34 / 105 page ![]() ST6215C ST6225C 34/105 7.2 WAIT MODE The MCU goes into WAIT mode as soon as the WAIT instruction is executed. This has the follow- ing effects: – Program execution is stopped, the microcontrol- ler software can be considered as being in a “fro- zen” state. – RAM contents and peripheral registers are pre- served as long as the power supply voltage is higher than the RAM retention voltage. – The oscillator is kept running to provide a clock to the peripherals; they are still active. WAIT mode can be used when the user wants to reduce the MCU power consumption during idle periods, while not losing track of time or the ability to monitor external events. WAIT mode places the MCU in a low power consumption mode by stop- ping the CPU. The active oscillator (main oscillator or LFAO) is kept running in order to provide a clock signal to the peripherals. If the power consumption has to be further re- duced, the Low Frequency Auxiliary Oscillator (LFAO) can be used in place of the main oscillator, if its operating frequency is lower. If required, the LFAO must be switched on before entering WAIT mode. Exit from Wait mode The MCU remains in WAIT mode until one of the following events occurs: – RESET (Watchdog, LVD or RESET pin) – A peripheral interrupt (timer, ADC,...), – An external interrupt (I/O port, NMI) The Program Counter then branches to the start- ing address of the interrupt or RESET service rou- tine. Refer to Figure 20. See also Section 7.4.1. Figure 20. WAIT Mode Flowchart WAIT INSTRUCTION RESET INTERRUPT Y N N Y Clock to CPU OSCILLATOR Clock to PERIPHERALS On Yes No FETCH RESET VECTOR OR SERVICE INTERRUPT 2048 Clock to CPU OSCILLATOR Clock to PERIPHERALS Restart Yes Yes DELAY CLOCK CYCLE OSCILLATOR Clock to PERIPHERALS Clock to CPU Yes Yes On 1 |