| データシートサーチシステム |
|
ST62E25BB6/CCC データシート(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62E25BB6/CCC データシート(HTML) 41 Page - STMicroelectronics |
|
41 / 105 page ![]() ST6215C ST6225C 41/105 I/O PORTS (Cont’d) Table 9. I/O Port Option Selections Note 1. Provided the correct configuration has been selected (see Table 8). MODE AVAILABLE ON(1) SCHEMATIC Input PA0-PA7 PB0-PB7 PC4-PC7 DDRx 0 ORx 0 DRx 1 Reset state Input with pull up PA0-PA7 PB0-PB7 PC4-PC7 DDRx 0 ORx 0 DRx 0 Input with pull up with interrupt PA0-PA7 PB0-PB7 PC4-PC7 DDRx 0 ORx 1 DRx 0 Analog Input PA4-PA7 PB0-PB7 PC4-PC7 DDRx 0 ORx 1 DRx 1 Open drain output (5mA) Open drain output (20 mA) PA4-PA7 PB0-PB7 PC4-PC7 PA0-PA3 DDRx 1 ORx 0 DRx 0/1 Push-pull output (5mA) Push-pull output (20 mA) PA4-PA7 PB0-PB7 PC4-PC7 PA0-PA3 DDRx 1 ORx 1 DRx 0/1 Data in Interrupt VDD VDD Data in Interrupt VDD VDD Data in Interrupt VDD VDD ADC VDD Data out P-buffer disconnected VDD Data out VDD 1 |