| データシートサーチシステム |
|
ST62E25BB6/CCC データシート(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62E25BB6/CCC データシート(HTML) 32 Page - STMicroelectronics |
|
32 / 105 page ![]() ST6215C ST6225C 32/105 6.7 REGISTER DESCRIPTION INTERRUPT OPTION REGISTER (IOR) Address: 0C8h — Write Only Reset status: 00h Caution: This register is write-only and cannot be accessed by single-bit operations (SET, RES, DEC,...). Bit 7 =Reserved, must be cleared. Bit 6 = LES Level/Edge Selection bit. 0: Falling edge sensitive mode is selected for inter- rupt vector #1 1: Low level sensitive mode is selected for inter- rupt vector #1 Bit 5 = ESB Edge Selection bit. 0: Falling edge mode on interrupt vector #2 1: Rising edge mode on interrupt vector #2 Bit 4 = GEN Global Enable Interrupt. 0: Disable all maskable interrupts 1: Enable all maskable interrupts Note: When the GEN bit is cleared, the NMI inter- rupt is active but cannot be used to exit from STOP or WAIT modes. Bits 3:0 = Reserved, must be cleared. Table 7. Interrupt Mapping 70 - LES ESB GEN - - - - Vector number Source Block Description Register Label Flag Exit from STOP Vector Address Priority Order RESET Reset N/A N/A yes FFEh-FFFh Vector #0 NMI Non Maskable Interrupt N/A N/A yes FFCh-FFDh NOT USED FFAh-FFBh FF8h-FF9h Vector #1 Port A Ext. Interrupt Port A N/A N/A yes FF6h-FF7h Vector #2 Port B, C Ext. Interrupt Port B, C N/A N/A yes FF4h-FF5h Vector #3 TIMER Timer underflow TSCR TMZ yes FF2h-FF3h Vector #4 ADC End Of Conversion ADCR EOC no FF0h-FF1h Priority Lowest Highest Priority 1 |