データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MFSYS25 データシート(PDF) 16 Page - Intel Corporation

部品番号 MFSYS25
部品情報  Technical Product Specification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

MFSYS25 データシート(HTML) 16 Page - Intel Corporation

Back Button MFSYS25 Datasheet HTML 12Page - Intel Corporation MFSYS25 Datasheet HTML 13Page - Intel Corporation MFSYS25 Datasheet HTML 14Page - Intel Corporation MFSYS25 Datasheet HTML 15Page - Intel Corporation MFSYS25 Datasheet HTML 16Page - Intel Corporation MFSYS25 Datasheet HTML 17Page - Intel Corporation MFSYS25 Datasheet HTML 18Page - Intel Corporation MFSYS25 Datasheet HTML 19Page - Intel Corporation MFSYS25 Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
System Overview
Intel® Modular Server System MFSYS25/MFSYS35 TPS
Item
Description
A
Server board
B
6-drive backplane
C
Interposer board (connects drive backplane to midplane)
D
I/O fan controller
E
Midplane board
F
Compute module fan controllers
G
Storage controller boards
H
Switch module boards
I
Chassis management module board
Figure 6. View of Intel
® Modular Server System MFSYS35 System Board Connectivity
2.4.1
Midplane Board
The midplane board mounts vertically in the middle of the system and provides power and I/O
signaling, both high-speed and low-speed, to all chassis subassemblies and options. This board
is considered to be a part of the chassis and cannot be replaced. For this reason, there are no
active components on this board.
10
Revision 1.3
Intel order number E15155-005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52