| データシートサーチシステム |
|
MFSYS25 データシート(PDF) 38 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
MFSYS25 データシート(HTML) 38 Page - Intel Corporation |
|
38 / 52 page ![]() Product Regulatory Requirements Intel® Modular Server System MFSYS25/MFSYS35 TPS 32 Revision 1.3 Intel order number E15155-005 4. Product Regulatory Requirements 4.1 Product Regulatory Compliance The Server Chassis product, when correctly integrated per this document, complies with the following safety, electromagnetic compatibility (EMC, and Product Ecology regulations and requirements. Intended Application - This product was evaluated as Information Technology Equipment (ITE), which may be installed in offices, schools, computer rooms, and similar commercial type locations. The suitability of this product for other product categories and environments (such as: medical, industrial, telecommunications, NEBS, residential, alarm systems, test equipment, etc.), other than an ITE application, may require further evaluation. 4.1.1 Product Safety Compliance UL60950 - CSA 60950(USA / Canada) EN60950 (Europe) IEC60950 (International) CB Certificate & Report, IEC60950 (report to include all country national deviations) GS Certification (Germany) GOST R 50377-92 - Certification (Russia) Belarus Certification (Belarus) Ukraine Certification (Ukraine) CE - Low Voltage Directive 73/23/EEE (Europe) IRAM Certification (Argentina) GB4943- CNCA Certification (China) 4.1.2 Product EMC Compliance - Class A Compliance FCC /ICES-003 - Emissions (USA/Canada) Verification CISPR 22 - Emissions (International) EN55022 - Emissions (Europe) EN55024 - Immunity (Europe) EN61000-3-2 - Harmonics (Europe) EN61000-3-3 - Voltage Flicker (Europe) CE - EMC Directive 89/336/EEC (Europe) VCCI Emissions (Japan) AS/NZS 3548 Emissions (Australia / New Zealand) BSMI CNS13438 Emissions (Taiwan) GOST R 29216-91 Emissions (Russia) GOST R 50628-95 Immunity (Russia) Belarus Certification (Belarus) Ukraine Certification (Ukraine) KCC Notice No. 1997-41 (EMC) & 1997-42 (EMI) (Korea) GB 9254 - CNCA Certification (China) GB 17625 - (Harmonics) CNCA Certification (China) |