| データシートサーチシステム |
|
MFSYS25 データシート(PDF) 50 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
MFSYS25 データシート(HTML) 50 Page - Intel Corporation |
|
50 / 52 page ![]() Glossary Intel® Modular Server System MFSYS25/MFSYS35 TPS Word / Acronym Definition IMB Intelligent Management Bus IPMB Intelligent Platform Management Bus IPMI Intelligent Platform Management Interface ISP In-System Programmable ITE Information Technology Equipment ITP In-Target Probe JTAG Joint Test Action Group KVM Keyboard, VDU, and Mouse LAN Local Area Network LED Light Emitting Diode LPC Low-Pin Count LVDS Low Voltage Differential SCSI NIC Network Interface Card OEM Original Equipment Manufacturer OS Operating System OTP Over-Temperature Protection PCI Peripheral Component Interconnect PDB Power Distribution Board PEF Platform Event Filtering PEP Platform Event Paging PFC Power Factor Correction PIROM Processor Information Read-Only Memory PLD Programmable Logic Device PSM Power Supply Module PSU Power Supply Unit PWM Pulse Width Modulator RAID Redundant Array of Independent Disks RAS Reliability, Availability, and Serviceability RASUM Reliability, Availability, Serviceability, Usability, and Manageability ROMB RAID On Motherboard RPM Revolutions Per Minute RoHS Restriction of Hazardous Substances SAF-TE SCSI Accessed Fault-Tolerant Enclosure SAS Serial Attached SCSI SATA Serial Advanced Technology Attachment SCA Single Connector Attachment SCL Serial Clock SCM Switch Controller Module SCSI Small Computer Systems Interface SDA Serial Data SDINT System Diagnostic Interrupt SDR Sensor Data Record SDRAM Synchronous Dynamic Random Access Memory SE Single-Ended 44 Revision 1.3 Intel order number E15155-005 |