| データシートサーチシステム |
|
MFSYS25 データシート(PDF) 44 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
MFSYS25 データシート(HTML) 44 Page - Intel Corporation |
|
44 / 52 page ![]() Product Regulatory Requirements Intel® Modular Server System MFSYS25/MFSYS35 TPS 38 Revision 1.3 Requirement Country Marking Safety Multiple Power Cord Marking This unit has more than one power supply cord. To reduce the risk of electrical shock, disconnect (2) two power supply cords before servicing. Simplified Chinese: Traditional Chinese: German: Dieses GerŠte hat mehr als ein Stromkabel. Um eine Gefahr des elektrischen Schlages zu verringern trennen sie beide (2) Stromkabeln bevor Instandhaltung. Nordic Countries Connection to Proper Ground Outlet "WARNING:" "Apparaten skall anslutas till jordat uttag, nŠr den ansluts till ett nŠtverk." "Laite on liitettŠvä suojamaadoituskoskettimilla varustettuun pistorasiaan." "Connect only to a properly earth grounded outlet." Safety Standyby power 4.3 Regulated Specified Components To maintain the UL listing and compliance to other regulatory certifications and/or declarations, the following regulated components must be used and conditions adhered to. Interchanging or use of other component will void the UL listing and other product certifications and approvals. You can find updated product information for configurations on the Intel Server Builder Web site at the following URL: http://channel.intel.com/go/serverbuilder If you do not have access to Intel’s Web address, contact your local Intel representative. 1. Server Chassis: Base chassis is provided with power supply and fans—UL listed. 2. Server board: You must use an Intel server board—UL recognized. Intel order number E15155-005 |