データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MFSYS25 データシート(PDF) 37 Page - Intel Corporation

部品番号 MFSYS25
部品情報  Technical Product Specification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

MFSYS25 データシート(HTML) 37 Page - Intel Corporation

Back Button MFSYS25 Datasheet HTML 33Page - Intel Corporation MFSYS25 Datasheet HTML 34Page - Intel Corporation MFSYS25 Datasheet HTML 35Page - Intel Corporation MFSYS25 Datasheet HTML 36Page - Intel Corporation MFSYS25 Datasheet HTML 37Page - Intel Corporation MFSYS25 Datasheet HTML 38Page - Intel Corporation MFSYS25 Datasheet HTML 39Page - Intel Corporation MFSYS25 Datasheet HTML 40Page - Intel Corporation MFSYS25 Datasheet HTML 41Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
Intel® Modular Server System MFSYS25/MFSYS35 TPS
System Details
Note: The total power requirement for the platforms exceeds the 240 VA energy hazard limits
that define an operator accessible area. As a result, only qualified technical individuals should
access the processor and non-hot-plug I/O areas while the system is energized. Power cords
should be removed from the system before accessing non-hot-plug areas.
3.9 Jumpers and LEDs
The compute module is the only module with jumper headers. Refer to the Intel
® Compute
Module MFS5000SI Technical Product Specification for details on the function and location of
the server jumpers.
Revision 1.3
Intel order number E15155-005
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52