| データシートサーチシステム |
|
MFSYS25 データシート(PDF) 32 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
MFSYS25 データシート(HTML) 32 Page - Intel Corporation |
|
32 / 52 page ![]() System Details Intel® Modular Server System MFSYS25/MFSYS35 TPS Temperature Voltage Fan speed Processor status Power supplies IPMB communication interface Checks and forces automatic update of firmware of newly installed system boards to versions stored in the SD (secure digital) card on the midplane. CMM GUI provides remote KVM to the compute modules External serial port connector for local/remote management access External Ethernet connector for local/remote management 3.6 Ethernet Switch Module 3.6.1 Introduction The Intel ® Ethernet Switch Module (ESM) provides ethernet connectivity for the CMM to the compute modules and for the compute modules to an external network. 3.6.2 Mechanical Outline The following figure shows the mechanical outline of the ESM. Figure 19. Ethernet Switch Module Mechanical Outline (Top View) 26 Revision 1.3 Intel order number E15155-005 |