| データシートサーチシステム |
|
DAC5687MPZPEP データシート(PDF) 70 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DAC5687MPZPEP データシート(HTML) 70 Page - Texas Instruments |
|
70 / 75 page ![]() www.ti.com C002 Application Example: High-Speed Arbitrary Waveform Generator B0045-01 DAC Odd Even Input Multiplexer Digital Pattern Generator DAC5687 DAC5687-EP SGLS333 – JUNE 2006 Figure 80. Two QAM256 Carriers With at 36-MHz IF The DAC5687's flexible input allows use of the dual input ports with demultiplexed odd/even samples at a combined rate of up to 500 MSPS. Combined with the DAC's 16-bit resolution, the DAC5687 allows wideband signal generation for test and measurement applications. Figure 81. DAC5687 in Odd/Even Input Mode 70 Submit Documentation Feedback |