| データシートサーチシステム |
|
SPEAR1340 データシート(PDF) 121 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPEAR1340 データシート(HTML) 121 Page - STMicroelectronics |
|
121 / 200 page ![]() SPEAr1340 Pin description Doc ID 023063 Rev 4 121/200 Table 33. Miscellaneous - PWM signals description Signal name Description Type Ball PWM1 Channel 1 O AE19 PWM2 Channel 2 O AE18 PWM3 Channel 3 O AF19 PWM4 Channel 4 O AG19 Table 34. Miscellaneous - GPIO signals description Signal name Description Type Ball GPIO_A0 IO data IO D11 GPIO_A1 IO E11 GPIO_A2 IO A10 GPIO_A3 IO AF17 GPIO_A4 IO AG17 GPIO_A5 IO AH17 GPIO_A6 IO AE17 GPIO_A7 IO AG18 GPIO_B0 IO AF18 GPIO_B1 IO AE18 GPIO_B2 IO AH18 GPIO_B3 IO AD17 GPIO_B4 IO AD18 GPIO_B5 IO AF19 GPIO_B6 IO AG19 GPIO_B7 IO AH19 Table 35. PCM signals description Signal name Description Type Ball GPIO_WKUP_TRIG Wake-up trigger from GPIO I AE18 DDRPHY_VDD1V2_OFF Controls the (optional) external (i.e. board) power switch on the DDRPHY 1V2 supply line. OAF19 DDRIO_VDD1V8_1V5_OFF Controls the (optional) external (i.e. board) power switch on the DDRPHY 1V5/1V8 supply line. OAG19 |