データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPEAR1340 データシート(PDF) 125 Page - STMicroelectronics

部品番号 SPEAR1340
部品情報  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 データシート(HTML) 125 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 121Page - STMicroelectronics SPEAR1340 Datasheet HTML 122Page - STMicroelectronics SPEAR1340 Datasheet HTML 123Page - STMicroelectronics SPEAR1340 Datasheet HTML 124Page - STMicroelectronics SPEAR1340 Datasheet HTML 125Page - STMicroelectronics SPEAR1340 Datasheet HTML 126Page - STMicroelectronics SPEAR1340 Datasheet HTML 127Page - STMicroelectronics SPEAR1340 Datasheet HTML 128Page - STMicroelectronics SPEAR1340 Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 200 page
background image
SPEAr1340
Pin description
Doc ID 023063 Rev 4
125/200
XGPIO94
General purpose IO
IO
V24
XGPIO95
IO
V25
XGPIO96
IO
V26
XGPIO97
IO
W27
XGPIO98
IO
U24
XGPIO99
IO
W28
XGPIO100
IO
U25
XGPIO101
IO
U26
XGPIO102
IO
V27
XGPIO103
IO
V28
XGPIO104
IO
U28
XGPIO105
IO
U27
XGPIO106
IO
T26
XGPIO107
IO
T27
XGPIO108
IO
T28
XGPIO109
IO
T25
XGPIO110
IO
R25
XGPIO111
IO
R26
XGPIO112
IO
R27
XGPIO113
IO
R28
XGPIO114
IO
R24
XGPIO115
IO
P26
XGPIO116
IO
P27
XGPIO117
IO
P28
XGPIO118
IO
P25
XGPIO119
IO
N24
XGPIO120
IO
N25
XGPIO121
IO
N26
XGPIO122
IO
N27
XGPIO123
IO
N28
XGPIO124
IO
M24
XGPIO125
IO
M25
XGPIO126
IO
M26
XGPIO127
IO
M27
XGPIO128
IO
M28
Table 36.
XGPIO signals description (continued)
Signal name
Description
Type
Ball



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More