データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPEAR1340 データシート(PDF) 123 Page - STMicroelectronics

部品番号 SPEAR1340
部品情報  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 データシート(HTML) 123 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 119Page - STMicroelectronics SPEAR1340 Datasheet HTML 120Page - STMicroelectronics SPEAR1340 Datasheet HTML 121Page - STMicroelectronics SPEAR1340 Datasheet HTML 122Page - STMicroelectronics SPEAR1340 Datasheet HTML 123Page - STMicroelectronics SPEAR1340 Datasheet HTML 124Page - STMicroelectronics SPEAR1340 Datasheet HTML 125Page - STMicroelectronics SPEAR1340 Datasheet HTML 126Page - STMicroelectronics SPEAR1340 Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 200 page
background image
SPEAr1340
Pin description
Doc ID 023063 Rev 4
123/200
XGPIO24
General purpose IO
IO
AE19
XGPIO25
IO
AH20
XGPIO26
IO
AD19
XGPIO27
IO
AD20
XGPIO28
IO
AE20
XGPIO29
IO
AF20
XGPIO30
IO
AG20
XGPIO31
IO
AD21
XGPIO32
IO
AE21
XGPIO33
IO
AF21
XGPIO34
IO
AG21
XGPIO35
IO
AH21
XGPIO36
IO
AD22
XGPIO37
IO
AE22
XGPIO38
IO
AF22
XGPIO39
IO
AH22
XGPIO40
IO
AG22
XGPIO41
IO
AD23
XGPIO42
IO
AE23
XGPIO43
IO
AF23
XGPIO44
IO
AG23
XGPIO45
IO
AH23
XGPIO46
IO
AH24
XGPIO47
IO
AG24
XGPIO48
IO
AF24
XGPIO49
IO
AE24
XGPIO50
IO
AH25
XGPIO51
IO
AG25
XGPIO52
IO
AF25
XGPIO53
IO
AE25
XGPIO54
IO
AH26
XGPIO55
IO
AG26
XGPIO56
IO
AF26
XGPIO57
IO
AH27
XGPIO58
IO
AH28
Table 36.
XGPIO signals description (continued)
Signal name
Description
Type
Ball



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More