データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPEAR1340 データシート(PDF) 122 Page - STMicroelectronics

部品番号 SPEAR1340
部品情報  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 データシート(HTML) 122 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 118Page - STMicroelectronics SPEAR1340 Datasheet HTML 119Page - STMicroelectronics SPEAR1340 Datasheet HTML 120Page - STMicroelectronics SPEAR1340 Datasheet HTML 121Page - STMicroelectronics SPEAR1340 Datasheet HTML 122Page - STMicroelectronics SPEAR1340 Datasheet HTML 123Page - STMicroelectronics SPEAR1340 Datasheet HTML 124Page - STMicroelectronics SPEAR1340 Datasheet HTML 125Page - STMicroelectronics SPEAR1340 Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 200 page
background image
Pin description
SPEAr1340
122/200
Doc ID 023063 Rev 4
Table 36.
XGPIO signals description
Signal name
Description
Type
Ball
XGPIO0
General purpose IO
IO
A12
XGPIO1
IO
B12
XGPIO2
IO
C12
XGPIO3
IO
D12
XGPIO4
IO
E12
XGPIO5
IO
A11
XGPIO6
IO
B11
XGPIO7
IO
C11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More