データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPEAR1340 データシート(PDF) 126 Page - STMicroelectronics

部品番号 SPEAR1340
部品情報  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 データシート(HTML) 126 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 122Page - STMicroelectronics SPEAR1340 Datasheet HTML 123Page - STMicroelectronics SPEAR1340 Datasheet HTML 124Page - STMicroelectronics SPEAR1340 Datasheet HTML 125Page - STMicroelectronics SPEAR1340 Datasheet HTML 126Page - STMicroelectronics SPEAR1340 Datasheet HTML 127Page - STMicroelectronics SPEAR1340 Datasheet HTML 128Page - STMicroelectronics SPEAR1340 Datasheet HTML 129Page - STMicroelectronics SPEAR1340 Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 200 page
background image
Pin description
SPEAr1340
126/200
Doc ID 023063 Rev 4
XGPIO129
General purpose IO
IO
L24
XGPIO130
IO
L25
XGPIO131
IO
L26
XGPIO132
IO
L27
XGPIO133
IO
K27
XGPIO134
IO
L28
XGPIO135
IO
K25
XGPIO136
IO
K24
XGPIO137
IO
K26
XGPIO138
IO
J24
XGPIO139
IO
J28
XGPIO140
IO
J27
XGPIO141
IO
J26
XGPIO142
IO
J25
XGPIO143
IO
H28
XGPIO144
IO
H27
XGPIO145
IO
H26
XGPIO146
IO
H25
XGPIO147
IO
H24
XGPIO148
IO
G28
XGPIO149
IO
G27
XGPIO150
IO
G26
XGPIO151
IO
G25
XGPIO152
IO
G24
XGPIO153
IO
F28
XGPIO154
IO
F27
XGPIO155
IO
F26
XGPIO156
IO
F25
XGPIO157
IO
E28
XGPIO158
IO
E27
XGPIO159
IO
E26
XGPIO160
IO
E25
XGPIO161
IO
D28
XGPIO162
IO
F24
XGPIO163
IO
C28
Table 36.
XGPIO signals description (continued)
Signal name
Description
Type
Ball



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More